Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC203 Datasheet (PDF) - Micross Components

HMC203 Datasheet PDF - Micross Components
Part # HMC203
Download  HMC203 Download
File Size   753.19 Kbytes
Page   7 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC203 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC203 Datasheet PDF - Micross Components

Part # HMC203
Download  HMC203 Click to download

File Size   753.19 Kbytes
Page   7 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC203 Datasheet (HTML) - Micross Components


HMC203 Product details

General Description
The HMC203 chip is a miniature double-balanced mixer which can be used as an upconverter or downconverter. Excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. The mixer chip can be integrated directly into MMIC hybrid applications. Unless otherwise stated, all data was measured with the mixer mounted in a MMIC test fi xture. The MMIC was connected to thin fi lm 50 ohm transmission lines with 1 mil diameter wirebonds of <10 mils in length.

Features
   Conversion Loss: 10 dB
   LO / RF Isolation: 38 dB
   Passive: No DC Bias Required
   Die Size: 1.49 x 0.89 x 0.1 mm

Typical Applications
The HMC203 is ideal for:
• DBS & SATCOM
• Microwave Radio
• Military & Space
• Radar & EW
• Test Equipment & Sensors




Similar Part No. - HMC203

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203 Datasheet
116Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203_07 Datasheet
116Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
More results


Similar Description - HMC203

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com