Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC203 Datasheet (PDF) - Hittite Microwave Corporation

HMC203 Datasheet PDF - Hittite Microwave Corporation
Part # HMC203
Download  HMC203 Download
File Size   116.9 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz

HMC203 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC203 Datasheet PDF - Hittite Microwave Corporation

Part # HMC203
Download  HMC203 Click to download

File Size   116.9 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz

HMC203 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC203

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC203 HITTITE-HMC203 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
More results


Similar Description - HMC203

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC-C035 HITTITE-HMC-C035 Datasheet
291Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 23 - 37 GHz
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553ALC3B AD-HMC553ALC3B Datasheet
376Kb / 25P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
3/2019-Rev.A to Rev. B
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com