Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EX2401 Datasheet (PDF) - Tyco Electronics

MA4EX2401 Datasheet PDF - Tyco Electronics
Part # MA4EX2401
Download  MA4EX2401 Download
File Size   422.3 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC Double Balanced 24 GHz Mixer

MA4EX2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4EX2401 Datasheet PDF - Tyco Electronics

Part # MA4EX2401
Download  MA4EX2401 Click to download

File Size   422.3 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC Double Balanced 24 GHz Mixer

MA4EX2401 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MA4EX2401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX240H-1225 MACOM-MA4EX240H-1225 Datasheet
129Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1700 - 2500 MHz
MA4EX240H-1225T MACOM-MA4EX240H-1225T Datasheet
129Kb / 4P
Silicon Double Balanced HMICTM Mixer, 1700 - 2500 MHz
MA4EX240H-1225T MACOM-MA4EX240H-1225T Datasheet
158Kb / 4P
Silicon Double Balanced HMIC Mixer, 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MA4EX240H-1225T MA-COM-MA4EX240H-1225T Datasheet
88Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
Tyco Electronics
MA4EX240H-1225T MACOM-MA4EX240H-1225T_1 Datasheet
158Kb / 4P
Silicon Double Balanced HMIC Mixer, 1700 - 2500 MHz
More results


Similar Description - MA4EX2401

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C015 HITTITE-HMC-C015 Datasheet
443Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 24 - 38 GHz
logo
Analog Devices
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
logo
Marki Microwave
MM1-0212HSM MARKIMICROWAVE-MM1-0212HSM Datasheet
965Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0222LSM MARKIMICROWAVE-MM1-0222LSM Datasheet
869Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0320L MARKIMICROWAVE-MM1-0320L Datasheet
901Kb / 8P
GaAs MMIC Double Balanced Mixer
MM1-0832L MARKIMICROWAVE-MM1-0832L Datasheet
800Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
GaAs MMIC Double Balanced Mixer
logo
Analog Devices
HMC329ALC3B AD-HMC329ALC3B Datasheet
376Kb / 23P
24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com