Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C015 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C015 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C015
Download  HMC-C015 Download
File Size   443.68 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE BALANCED MIXER MODULE, 24 - 38 GHz

HMC-C015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C015 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C015
Download  HMC-C015 Click to download

File Size   443.68 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE BALANCED MIXER MODULE, 24 - 38 GHz

HMC-C015 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C015

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
467Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
More results


Similar Description - HMC-C015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC-C035 HITTITE-HMC-C035 Datasheet
291Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 23 - 37 GHz
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
logo
Marki Microwave
MM1-0212HSM MARKIMICROWAVE-MM1-0212HSM Datasheet
965Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
GaAs MMIC Double Balanced Mixer
logo
Analog Devices
HMC329ALC3B AD-HMC329ALC3B Datasheet
376Kb / 23P
24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com