Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC560ALM3 Datasheet (PDF) - Analog Devices

HMC560ALM3 Datasheet PDF - Analog Devices
Part # HMC560ALM3
Download  HMC560ALM3 Download
File Size   381.89 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer

HMC560ALM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC560ALM3 Datasheet PDF - Analog Devices

Part # HMC560ALM3
Download  HMC560ALM3 Click to download

File Size   381.89 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer

HMC560ALM3 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC560ALM3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC560A-SX AD-HMC560A-SX Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
More results


Similar Description - HMC560ALM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C015 HITTITE-HMC-C015 Datasheet
443Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 24 - 38 GHz
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com