Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554ACHIPS Datasheet (PDF) - Analog Devices

HMC554ACHIPS Datasheet PDF - Analog Devices
Part # HMC554ACHIPS
Download  HMC554ACHIPS Download
File Size   378.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer

HMC554ACHIPS Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC554ACHIPS Datasheet PDF - Analog Devices

Part # HMC554ACHIPS
Download  HMC554ACHIPS Click to download

File Size   378.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer

HMC554ACHIPS Datasheet (HTML) - Analog Devices




Similar Part No. - HMC554ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC554ALC3B AD-HMC554ALC3B Datasheet
420Kb / 26P
10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
10/2019-Rev. 0 to Rev. A
HMC554ALC3BTR AD-HMC554ALC3BTR Datasheet
420Kb / 26P
10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
10/2019-Rev. 0 to Rev. A
HMC554ALC3BTR-R5 AD-HMC554ALC3BTR-R5 Datasheet
420Kb / 26P
10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
10/2019-Rev. 0 to Rev. A
More results


Similar Description - HMC554ACHIPS

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC554ALC3B AD-HMC554ALC3B Datasheet
420Kb / 26P
10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
10/2019-Rev. 0 to Rev. A
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com