Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EX2401 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4EX2401
Description  GaAs MMIC Double Balanced 24 GHz Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX2401 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EX2401 Datasheet HTML 1Page - Tyco Electronics MA4EX2401 Datasheet HTML 2Page - Tyco Electronics MA4EX2401 Datasheet HTML 3Page - Tyco Electronics MA4EX2401 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs MMIC Double Balanced 24 GHz Mixer
MA4EX2401
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
3
Electrical Specifications: @ + 25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dB
8.0
9.0
L - R Isolation
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dB
30.0
L - I Isolation
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dB
25.0
R - I Isolation
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dB
9.0
Input IP3
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dBm
18.0
Input 1 dB Compression
20-26 GHz
LO Drive = +13 dBm
IF = 500 MHz - 6000 MHz
dBm
10.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com