Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC347 Datasheet (PDF) - Micross Components

HMC347 Datasheet PDF - Micross Components
Part # HMC347
Download  HMC347 Download
File Size   860.2 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC347 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC347 Datasheet PDF - Micross Components

Part # HMC347
Download  HMC347 Click to download

File Size   860.2 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC347 Datasheet (HTML) - Micross Components


HMC347 Product details

General Description
The HMC347 is a broadband non-reflective GaAs MESFET SPDT MMIC chip. Covering DC to 20 GHz, the switch offers high isolation and low insertion loss. The switch features over 50 dB isolation at lower frequencies and over 40 dB at higher frequencies due to the implementation of on-chip via hole structures. The switch operates using two negative control voltage logic lines of -5/0V, requires no Vee and has no current consumption. The switch operates down to DC. The chip features coplanar I/Os that allow 100% RF testing prior to delivery to the customer.

Features
   High Isolation: >40 dB @ 20 GHz
   Low Insertion Loss: 1.6 dB @ 20 GHz
   Non-Refl ective Design
   Small Size: 1.3 x 0.8 x 0.1 mm

Typical Applications
This switch is suitable DC - 20 GHz applications:
• Fiber Optics
• Microwave Radio
• Military
• Space
• VSAT




Similar Part No. - HMC347

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347 Datasheet
163Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC347 HITTITE-HMC347 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
High Isolation: >40 dB @ 20 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
More results


Similar Description - HMC347

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com