Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC347 Datasheet (PDF) - Hittite Microwave Corporation

HMC347 Datasheet PDF - Hittite Microwave Corporation
Part # HMC347
Download  HMC347 Download
File Size   214.04 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz

HMC347 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC347 Datasheet PDF - Hittite Microwave Corporation

Part # HMC347
Download  HMC347 Click to download

File Size   214.04 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz

HMC347 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC347

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347 Datasheet
163Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC347 HITTITE-HMC347 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
High Isolation: >40 dB @ 20 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
More results


Similar Description - HMC347

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com