Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16X Datasheet (PDF) - SHENZHEN SLS TECHNOLOGY CO.,LTD.

BAS16X Datasheet PDF - SHENZHEN SLS TECHNOLOGY CO.,LTD.
Part # BAS16X
Download  BAS16X Download
File Size   461.94 Kbytes
Page   2 Pages
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.
Description Plastic-Encapsulate Diodes

BAS16X Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16X Datasheet PDF - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # BAS16X
Download  BAS16X Click to download

File Size   461.94 Kbytes
Page   2 Pages
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.
Description Plastic-Encapsulate Diodes

BAS16X Datasheet (HTML) - SHENZHEN SLS TECHNOLOGY CO.,LTD.


BAS16X Product details

Switching Diode

Features:
• High-speed switching applications;
• Lead Finish:100% matte Sn(Tin);
• Qualified Reflow Temperature:260℃;
• Extremely Small Sod-523 Package;




Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
More results


Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com