Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS660 Datasheet (PDF) - Integrated Circuit Systems

ICS660 Datasheet PDF - Integrated Circuit Systems
Part # ICS660
Download  ICS660 Download
File Size   127.04 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Digital Video Clock Source

ICS660 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS660 Datasheet PDF - Integrated Circuit Systems

Part # ICS660
Download  ICS660 Click to download

File Size   127.04 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Digital Video Clock Source

ICS660 Datasheet (HTML) - Integrated Circuit Systems


ICS660 Product details

Description
The ICS660 provides clock generation and conversion for clock rates commonly needed in digital video equipment, including rates for MPEG, NTSC, PAL, and HDTV. The ICS660 uses the latest PLL technology to provide excellent phase noise and long term jitter performance for superior synchronization and S/N ratio.
For audio sampling clocks generated from 27 MHz, use the ICS661.
Please contact ICS if you have a requirement for an input and output frequency not included here - we can rapidly modify this product to meet special requirements.

Features
• Packaged in 16-pin TSSOP
• Available in Pb-free packaging
• Clock or crystal input
• Low phase noise
• Low jitter
• Exact (0 ppm) multiplication ratios
• Power-down control
• Reference clock output available




Similar Part No. - ICS660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661 ICST-ICS661 Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS661 ETC2-ICS661 Datasheet
191Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS661GI ICST-ICS661GI Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661GI IDT-ICS661GI Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
More results


Similar Description - ICS660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
Digital Video Clock Source
Revision 091404
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
Digital Video Clock Source
Revision 050704
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
PECL Digital Video Clock Source
Revision 062304
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
PECL Digital Video Clock Source
Revision 040805
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
PECL DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
100907
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com