Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS660 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS660
Description  Digital Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS660 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS660 Datasheet HTML 1Page - Integrated Circuit Systems ICS660 Datasheet HTML 2Page - Integrated Circuit Systems ICS660 Datasheet HTML 3Page - Integrated Circuit Systems ICS660 Datasheet HTML 4Page - Integrated Circuit Systems ICS660 Datasheet HTML 5Page - Integrated Circuit Systems ICS660 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS660
MDS 660 E
1
Revision 040104
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Digital Video Clock Source
Description
The ICS660 provides clock generation and conversion
for clock rates commonly needed in digital video
equipment, including rates for MPEG, NTSC, PAL, and
HDTV. The ICS660 uses the latest PLL technology to
provide excellent phase noise and long term jitter
performance for superior synchronization and S/N
ratio.
For audio sampling clocks generated from 27 MHz, use
the ICS661.
Please contact ICS if you have a requirement for an
input and output frequency not included here - we can
rapidly modify this product to meet special
requirements.
Features
Packaged in 16-pin TSSOP
Available in Pb-free packaging
Clock or crystal input
Low phase noise
Low jitter
Exact (0 ppm) multiplication ratios
Power-down control
Reference clock output available
Block Diagram
PLL Clock
Synthesis
SELIN
Crystal
Oscillator
X2
X1/REFIN
VDD (P2)
VDDR
REF
CLK
GND (P13)
GND (P6)
GND (P5)
S3:0
4
VDD (P3)
VDDO


Similar Part No. - ICS660

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661 ICST-ICS661 Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS661 ETC2-ICS661 Datasheet
191Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS661GI ICST-ICS661GI Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661GI IDT-ICS661GI Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
More results

Similar Description - ICS660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
Digital Video Clock Source
Revision 091404
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
Digital Video Clock Source
Revision 050704
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
PECL Digital Video Clock Source
Revision 062304
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
PECL Digital Video Clock Source
Revision 040805
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
PECL DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
100907
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com