Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL420 Datasheet (PDF) - Vishay Siliconix

IL420 Datasheet PDF - Vishay Siliconix
Part # IL420
Download  IL420 Download
File Size   271.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL420 Datasheet PDF - Vishay Siliconix

Part # IL420
Download  IL420 Click to download

File Size   271.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL420 Datasheet (HTML) - Vishay Siliconix


IL420 Product details

Description
The IL420/ IL4208 consists of a GaAs IRLED optically coupled to a photosensitive non-zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors are assembled in a six pin dual in-line package.

Features
• High input sensitivity IFT = 2.0 mA
• 600/800 V blocking voltage
• 300 mA on-state current
• High static dV/dt 10 kV/µs
• Inverse parallel SCRs provide commutating dV/dt > 10 kV/µs
• Very low leakage < 10 µA
• Isolation Test Voltage 5300 VRMS
• Small 6-pin DIP package

Applications
    Solid-state relays
    Industrial controls
    Office equipment
    Consumer appliances.




Similar Part No. - IL420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL420 SIEMENS-IL420 Datasheet
81Kb / 4P
600 V TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
164Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
18-Jan-08
IL420 VISHAY-IL420 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
IL420 VISHAY-IL420 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
IL420 VISHAY-IL420 Datasheet
197Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
22-Mar-2021
More results


Similar Description - IL420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
30-Aug-06
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
03-Nov-08
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
13-Apr-12
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
15-Nov-2021
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
19-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com