Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL420 Datasheet (PDF) - Siemens Semiconductor Group

IL420 Datasheet PDF - Siemens Semiconductor Group
Part # IL420
Download  IL420 Download
File Size   81.41 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 600 V TRIAC DRIVER OPTOCOUPLER

IL420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL420 Datasheet PDF - Siemens Semiconductor Group

Part # IL420
Download  IL420 Click to download

File Size   81.41 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 600 V TRIAC DRIVER OPTOCOUPLER

IL420 Datasheet (HTML) - Siemens Semiconductor Group


IL420 Product details

DESCRIPTION
The IL420 consists of a GaAs IRLED optically coupled to a photosensitive non-zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors are assembled in a six pin 0.3 inch dual in-line package, using high insulation double molded, over/under leadframe construction.

FEATURES
• High Input Sensitivity IFT=2 mA
• Blocking Voltage, 600 V
• 300 mA On-State Current
• High Static dv/dt 10,000 V/µs
• Inverse Parallel SCRs Provide Commutating dv/dt >2K V/µs
• Very Low Leakage <10 µA
• Isolation Test Voltage from Double Molded Package 5300 VACRMS
• Small 6-Pin DIP Package
• Underwriters Lab File #E52744
• VDE 0884 Available with Option 1




Similar Part No. - IL420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
26-Apr-04
IL420 VISHAY-IL420 Datasheet
164Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
18-Jan-08
IL420 VISHAY-IL420 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
IL420 VISHAY-IL420 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
IL420 VISHAY-IL420 Datasheet
197Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
22-Mar-2021
More results


Similar Description - IL420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4108 SIEMENS-IL4108 Datasheet
29Kb / 2P
ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
IL4116 SIEMENS-IL4116 Datasheet
84Kb / 3P
ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
IL4208 SIEMENS-IL4208 Datasheet
27Kb / 2P
800 V TRIAC DRIVER OPTOCOUPLER
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
TRIAC DRIVER OPTOCOUPLER
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com