Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4108 Datasheet (PDF) - Siemens Semiconductor Group

IL4108 Datasheet PDF - Siemens Semiconductor Group
Part # IL4108
Download  IL4108 Download
File Size   29.12 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER

IL4108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4108 Datasheet PDF - Siemens Semiconductor Group

Part # IL4108
Download  IL4108 Click to download

File Size   29.12 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER

IL4108 Datasheet (HTML) - Siemens Semiconductor Group


IL4108 Product details

DESCRIPTION

The IL4108 consists of a GaAs IRLED optically coupled to a photosensitive zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors are assembled in a six pin 0.3 inch dual in-line package, using high insulation double molded, over/under leadframe construction.



FEATURES

• On-State Current, 300 mA

• Zero Voltage Crossing

• Blocking Voltage, 800 V

• Isolation Test Voltage 5300 VACRMS

• High Input Sensitivity

  IFT=2 mA, PF=1.0

  IFT=5 mA, PF≤1.0

• High Static dv/dt 10,000 V/µs

• Inverse Parallel SCRs Provide Commutating dv/dt >10K V/µs

• Very Low Leakage <10 µA

• Small 6-Pin DIP Package

• Underwriters Lab File #E52744

• VDE Approval #0884 (Optional with Option 1, Add -X001 Suffix)



 




Similar Part No. - IL4108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4108 VISHAY-IL4108 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL4108 VISHAY-IL4108 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
IL4108 VISHAY-IL4108 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
IL4108 VISHAY-IL4108 Datasheet
174Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Mar-11
IL4108-X001 VISHAY-IL4108-X001 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
More results


Similar Description - IL4108

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4116 SIEMENS-IL4116 Datasheet
84Kb / 3P
ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
IL4208 SIEMENS-IL4208 Datasheet
27Kb / 2P
800 V TRIAC DRIVER OPTOCOUPLER
logo
List of Unclassifed Man...
Q303X ETC2-Q303X Datasheet
1Mb / 15P
ZERO-CROSSING TRIAC OPTOCOUPLER
Q303X ETC1-Q303X Datasheet
1Mb / 17P
ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3041M UMW-MOC3041M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3082M UMW-MOC3082M Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com