Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4116 Datasheet (PDF) - Siemens Semiconductor Group

IL4116 Datasheet PDF - Siemens Semiconductor Group
Part # IL4116
Download  IL4116 Download
File Size   84.5 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER

IL4116 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4116 Datasheet PDF - Siemens Semiconductor Group

Part # IL4116
Download  IL4116 Click to download

File Size   84.5 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER

IL4116 Datasheet (HTML) - Siemens Semiconductor Group


IL4116 Product details

DESCRIPTION
The IL411x consists of an AlGaAs IRLED optically coupled to a photosensitive zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors are assembled in a six pin 0.3 inch dual inline package, using high insulation double molded, over/under leadframe construction.

FEATURES
• High Input Sensltlvity: IFT=1.3 mA, PF=1.0; IFT=3.5 mA, Typlcal PF < 1.0
• Zero Voltage Crosslng
• 600/700/800 V Blocklng Voltage
• 300 mA On-State Current
• High Statlc dv/dt 10,000 V/µsec., typical
• Inverse Parallel SCRs Provide Commutatlng dv/dt >10 KV/msec.
• Very Low Leakage <10 mA
• Isolation Test Voltage from Double Molded Package 5300 VACRMS
• Package, 6-Pln DIP
• Underwriters Lab File #E52744




Similar Part No. - IL4116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4116 VISHAY-IL4116 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
IL4116 VISHAY-IL4116 Datasheet
207Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
11-Nov-2021
IL4116-X006 VISHAY-IL4116-X006 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
IL4116-X007 VISHAY-IL4116-X007 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
IL4116-X007T VISHAY-IL4116-X007T Datasheet
207Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
11-Nov-2021
More results


Similar Description - IL4116

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL410 SIEMENS-IL410 Datasheet
107Kb / 6P
ZERO VOLTAGE CROSSING 600 V TRIAC DRIVER OPTOCOUPLER
IL4108 SIEMENS-IL4108 Datasheet
29Kb / 2P
ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
logo
List of Unclassifed Man...
Q303X ETC2-Q303X Datasheet
1Mb / 15P
ZERO-CROSSING TRIAC OPTOCOUPLER
Q303X ETC1-Q303X Datasheet
1Mb / 17P
ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3041M UMW-MOC3041M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3082M UMW-MOC3082M Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com