Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAM-92516 Datasheet (PDF) - Agilent(Hewlett-Packard)

IAM-92516 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IAM-92516
Download  IAM-92516 Download
File Size   163.09 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity GaAs FET Mixer

IAM-92516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-92516 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IAM-92516
Download  IAM-92516 Click to download

File Size   163.09 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity GaAs FET Mixer

IAM-92516 Datasheet (HTML) - Agilent(Hewlett-Packard)


IAM-92516 Product details

Description
Agilent Technologies’s IAM-92516 is a high linearity GaAs FET Mixer using 0.5 µm enhancement mode pHEMT technology. This device houses in Pb-free and Halogen free 16 pins LPCC 3x3[2] plastic package. The IAM-92516 has builtin LO buffer amplifier which requires -3 dBm LO power to deliver an input third order intercept point of 27 dBm. LO port is 50 ohm matched and can be driven differential or single ended while IF port is 200 ohm matched and fully differential. RF port requires external matching network for optimum input return loss and IIP3 performance.

Features
DC = 5V @ 26 mA (Typ.)
RF = 1.91 GHz, PinRF = -10 dBm;
LO = 1.7 GHz, PinLO = -3 dBm;
IF = 210 MHz unlesss otherwise specified
• Lead-free Option Available
• High Linearity: 27 dBm IIP3
• Conversion Loss: 6 dB typical
• Wide band operation: 400-3500 MHz RF & LO input DC – 300 MHz IF output
• Fully differential or single ended operation
• High P1dB: 9 dBm typical
• Low current consumption: 5V@ 26 mA typical
• Excellent uniformity in product specifications
• Small LPCC 3.0 x 3.0 x 0.75 mm package
• MTTF > 300 years[1]
• MSL-1 and lead-free
• Tape-and-Reel packaging option available

Applications
• Frequency up/down converter for base station radio card, microwave link transceiver, and MMDS
• Modulation and demodulation for receiver and transmitter
• General purpose resistive FET mixer for other high linearity applications




Similar Part No. - IAM-92516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-92516-BLK AVAGO-IAM-92516-BLK Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-92516-TR1 AVAGO-IAM-92516-TR1 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-92516-TR2 AVAGO-IAM-92516-TR2 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
More results


Similar Description - IAM-92516

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
High Linearity Passive FET Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
High Linearity Passive FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com