Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAM-93516 Datasheet (PDF) - Agilent(Hewlett-Packard)

IAM-93516 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IAM-93516
Download  IAM-93516 Download
File Size   144.53 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Integrated GaAs Mixer

IAM-93516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-93516 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IAM-93516
Download  IAM-93516 Click to download

File Size   144.53 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Integrated GaAs Mixer

IAM-93516 Datasheet (HTML) - Agilent(Hewlett-Packard)


IAM-93516 Product details

Description
Agilent Technologies’s IAM-93516 is a high linearity GaAs FET Mixer using 0.5um enhancement mode pHEMT technology. This device houses in a 3x3 LPCC package.

Features
• DC =5V @ 111mA (Typ.)
• RF =1.91 GHz, PinRF = -10 dBm;
• LO =1.7 GHz, PinLO = 0 dBm;
• IF = 210 MHz unless otherwise specified
• High Linearity: 23.1 dBm IIP3(typ)
• Conversion Gain: 9.4 dB typical
• Low Noise Figure: 11.6 dB
• Wide band operation:
• 400-3000 MHz RF & LO input
• 70 – 300 MHz IF output
• Fully differential or single ended operation
• High P1dB: 19.3 dB typical
• Consistent RF performance over LO Power
• Low current consumption: 5V@ 111mA typical
• Excellent uniformity in product specifications
• 3mm x 3mm x 0.9mm LPCC package
• MTTF > 300 years[1]
• MSL-1 and Lead-free.

Applications
• Frequency down converter for base station radio card, microwave link transceiver, and MMDS
• Modulation and demodulation for receiver
• General purpose resistive FET mixer for other high linearity applications




Similar Part No. - IAM-93516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-BLK AVAGO-IAM-93516-BLK Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-TR1 AVAGO-IAM-93516-TR1 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-TR2 AVAGO-IAM-93516-TR2 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
More results


Similar Description - IAM-93516

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
High Linearity Mixer with Integrated LO Buffer
05/27/21
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com