Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBB-402 Datasheet (PDF) - RF Micro Devices

NBB-402 Datasheet PDF - RF Micro Devices
Part # NBB-402
Download  NBB-402 Download
File Size   213.8 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz

NBB-402 Datasheet (PDF)

Go To PDF Page Download Datasheet
NBB-402 Datasheet PDF - RF Micro Devices

Part # NBB-402
Download  NBB-402 Click to download

File Size   213.8 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz

NBB-402 Datasheet (HTML) - RF Micro Devices


NBB-402 Product details

Product Description
The NBB-402 cascadable broadband InGaP/GaAs MMIC amplifier is a low-cost, high-performance solution for general purpose RF and microwave amplification needs. This 50Ω gain block is based on a reliable HBT proprietary MMIC design, providing unsurpassed performance for small-signal applications. Designed with an external bias resistor, the NBB-402 provides flexibility and stability. The NBB-402 is packaged in a low-cost, surface-mount ceramic package, providing ease of assembly for high volume tape-and-reel requirements.

Features
• Reliable, Low-Cost HBT Design
• 15.0dB Gain, +15.8dBm P1dB@2GHz
• High P1dB of +15.4dBm@6.0GHz
• Single Power Supply Operation
• 50Ω I/O Matched for High Freq. Use

Typical Applications
• Narrow and Broadband Commercial and Military Radio Designs
• Linear and Saturated Amplifiers
• Gain Stage or Driver Amplifiers for MWRadio/Optical Designs (PTP/PMP/LMDS/UNII/VSAT/WLAN/Cellular/DWDM)




Similar Part No. - NBB-402

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Qorvo, Inc
NBB-402 QORVO-NBB-402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
RF Micro Devices
NBB-402-E RFMD-NBB-402-E Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB-402-E QORVO-NBB-402-E Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results


Similar Description - NBB-402

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com