Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBB-402 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NBB-402
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-402 Datasheet(HTML) 7 Page - RF Micro Devices

  NBB-402 Datasheet HTML 1Page - RF Micro Devices NBB-402 Datasheet HTML 2Page - RF Micro Devices NBB-402 Datasheet HTML 3Page - RF Micro Devices NBB-402 Datasheet HTML 4Page - RF Micro Devices NBB-402 Datasheet HTML 5Page - RF Micro Devices NBB-402 Datasheet HTML 6Page - RF Micro Devices NBB-402 Datasheet HTML 7Page - RF Micro Devices NBB-402 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-47
NBB-402
Rev A4 031110
Device Voltage versus Amplifier Current
3.70
3.75
3.80
3.85
3.90
3.95
4.00
35.00
40.00
45.00
50.00
55.00
60.00
Amplifier Current, ICC (mA)
P1dB versus Frequency at 25°C
0.0
5.0
10.0
15.0
20.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
POUT/Gain versus PIN at 2 GHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
-14.0
-9.0
-4.0
1.0
6.0
PIN (dBm)
Pout (dBm)
Gain (dB)
POUT/Gain versus PIN at 6 GHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
-14.0
-9.0
-4.0
1.0
6.0
PIN (dBm)
Pout (dBm)
Gain (dB)
Third Order Intercept versus Frequency at 25°C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com