Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JM20337 Datasheet (PDF) - JMicron Technology Corporation

JM20337 Datasheet PDF - JMicron Technology Corporation
Part # JM20337
Download  JM20337 Download
File Size   99.18 Kbytes
Page   2 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description Hi-Speed USB to SATA & PATA Combo Bridge

JM20337 Datasheet (PDF)

Go To PDF Page Download Datasheet
JM20337 Datasheet PDF - JMicron Technology Corporation

Part # JM20337
Download  JM20337 Click to download

File Size   99.18 Kbytes
Page   2 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description Hi-Speed USB to SATA & PATA Combo Bridge

JM20337 Datasheet (HTML) - JMicron Technology Corporation


JM20337 Product details

Description
The JM20337 is single chip solution to bridge between USB 2.0, SATA and ATA/ATAPI-based mass storage device. It provides the capability to translate USB 2.0 mass storage commands to serial ATA and ATA/ATAPI communication protocol. The USB adheres to the Mass Storage Class Bulk-Only Transport Specification, and supports dual LUN operation, which could connect to two ATA/ATAPI devices or one ATA/ATAPI device associated with one SATA device. The embedded command parser supports both ATA and ATAPI command set with LBA48 bit addressing capability.

Features
• Compliance with Gen1i, and Gen1m of
   Serial ATA II Electrical Specification 1.0
• Support SATA spread-spectrum transmitter
• Support SATA II Asynchronous Signal
   Recovery (Hot Plug) feature
• Compliance with USB 2.0 (Hi-Speed)
   electrical specification
• Compliance with USB Mass Storage Class
   Bulk-Only Transport Specification
• Support 480Mbps High Speed (HS) and
   12Mbps Full Speed USB operation
• Support ATA/ATAPI Ultra DMA Mode
• Support ATA/ATAPI PACKET command
   feature set
• Support ATA/ATAPI LBA48 bit addressing
   mode
• Support dual LUN (Logic Unit Number)
   with automatically master/slave enumeration
• Support 12MHz external crystal.
• Single-power 3.3V power supply
• 0.18um CMOS technology and 64-pin LQFP
   ASSP package
  
Applications
USB & SATA products
• Enclosure System
• Storage subsystem
• 2 bays storage system
• Backward compatible
   Storage system




Similar Part No. - JM20337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM20330 ETC1-JM20330 Datasheet
180Kb / 2P
Serial ATA Bridge Chip
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results


Similar Description - JM20337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931DS PLX-OXU931DS Datasheet
137Kb / 2P
Hi-Speed USB 2.0 to SATA/eSATA Controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
GENESYS LOGIC
GL830 GENESYS-GL830_12 Datasheet
118Kb / 5P
USB 2.0 / PATA / SATA Bridge Controller Product Overview
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
SATA / PATA Bridge Controller Product Overview
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
USB 3.0 to SATA or PATA Hard Drive Adapter
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com