Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JM20339 Datasheet (PDF) - JMicron Technology Corporation

JM20339 Datasheet PDF - JMicron Technology Corporation
Part # JM20339
Download  JM20339 Download
File Size   185.37 Kbytes
Page   2 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description Hi-Speed USB to SATA Bridge

JM20339 Datasheet (PDF)

Go To PDF Page Download Datasheet
JM20339 Datasheet PDF - JMicron Technology Corporation

Part # JM20339
Download  JM20339 Click to download

File Size   185.37 Kbytes
Page   2 Pages
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation
Description Hi-Speed USB to SATA Bridge

JM20339 Datasheet (HTML) - JMicron Technology Corporation


JM20339 Product details

Features
• Compliance with Gen1i, and Gen1m of
Serial ATA II Electrical Specification 1.0
• Support SATA spread-spectrum transmitter
• Support SATA II Asynchronous Signal
Recovery (Hot Plug) feature
• Compliance with USB 2.0 (Hi-Speed USB)
electrical specification
• Compliance with USB Mass Storage Class
Bulk-Only Transport Specification
• Support 480Mbps High Speed (HS) and
12Mbps Full Speed USB operation
• Support ATA/ATAPI LBA48 bit addressing
mode
• Support 12MHz external crystal.
• Single-power 3.3V power supply
• 0.18um CMOS technology and 64 -pin LQFP
ASSP package

Description
The JM20339 is single chip solution to bridge between USB 2.0 host and SATA device. The
highly integrated USB 2.0 and SATA Phys technology provides a cost-effective solution to apply USB
to SATA device enclosure. The USB adheres to the Mass Storage Class Bulk-Only Transport
Specification. The embedded command parser supports both ATA and ATAPI command set with
LBA48 bit addressing capability.




Similar Part No. - JM20339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM20330 ETC1-JM20330 Datasheet
180Kb / 2P
Serial ATA Bridge Chip
logo
JMicron Technology Corp...
JM20337 JMICRON-JM20337 Datasheet
99Kb / 2P
Hi-Speed USB to SATA & PATA Combo Bridge
More results


Similar Description - JM20339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931DS PLX-OXU931DS Datasheet
137Kb / 2P
Hi-Speed USB 2.0 to SATA/eSATA Controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
Hi-Speed USB to SATAII Bridge Controller
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
Hi-Speed USB to 10/100 Ethernet Bridge
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
JM20337 JMICRON-JM20337 Datasheet
99Kb / 2P
Hi-Speed USB to SATA & PATA Combo Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com