Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9218 Datasheet (PDF) - Maxim Integrated Products

MAX9218 Datasheet PDF - Maxim Integrated Products
Part # MAX9218
Download  MAX9218 Download
File Size   273.06 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer

MAX9218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9218 Datasheet PDF - Maxim Integrated Products

Part # MAX9218
Download  MAX9218 Click to download

File Size   273.06 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer

MAX9218 Datasheet (HTML) - Maxim Integrated Products


MAX9218 Product details

General Description
The MAX9218 digital video serial-to-parallel converter deserializes a total of 27 bits during data and control phases. In the data phase, the LVDS serial input is converted to 18 bits of parallel video data and in the control phase, the input is converted to 9 bits of parallel control data. The separate video and control phases take advantage of video timing to reduce the serial data rate. The MAX9218 pairs with the MAX9217 serializer to form a complete digital video transmission system.

Features
♦ Proprietary Data Decoding for DC Balance and
   Reduced EMI
♦ Control Data Deserialized During Video Blanking
♦ Five Control Data Inputs Are Single Bit-Error
   Tolerant
♦ Output Transition Time Is Scaled to Operating
   Frequency for Reduced EMI
♦ Staggered Output Switching Reduces EMI
♦ Output Enable Allows Busing of Outputs
♦ Clock Pulse Stretch on Lock
♦ Wide ±2% Reference Clock Tolerance
♦ Synchronizes to MAX9217 Serializer Without
   External Control
♦ ISO 10605 ESD Protection
♦ Separate Output Supply Allows Interface to 1.8V
   to 3.3V Logic
♦ +3.3V Core Power Supply
♦ Space-Saving Thin QFN and LQFP Packages
♦ -40°C to +85°C Operating Temperature

Applications
   Navigation System Display
   In-Vehicle Entertainment System
   Video Camera
   LCD Displays




Similar Part No. - MAX9218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9218 MAXIM-MAX9218 Datasheet
1Mb / 12P
Fully Assembled and Tested
Rev 0; 9/09
MAX9218EVKIT+ MAXIM-MAX9218EVKIT+ Datasheet
1Mb / 12P
Fully Assembled and Tested
Rev 0; 9/09
More results


Similar Description - MAX9218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
logo
National Semiconductor ...
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com