Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9247 Datasheet (PDF) - Maxim Integrated Products

MAX9247 Datasheet PDF - Maxim Integrated Products
Part # MAX9247
Download  MAX9247 Download
File Size   324.53 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer

MAX9247 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9247 Datasheet PDF - Maxim Integrated Products

Part # MAX9247
Download  MAX9247 Click to download

File Size   324.53 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer

MAX9247 Datasheet (HTML) - Maxim Integrated Products


MAX9247 Product details

General Description
The MAX9247 digital video parallel-to-serial converter serializes 27 bits of parallel data into a serial-data stream. Eighteen bits of video data and 9 bits of control data are encoded and multiplexed onto the serial interface, reducing the serial-data rate. The data-enable input determines when the video or control data is serialized.

Features
♦ Preemphasis Improves Eye Diagram and Signal Integrity at the Output
♦ Proprietary Data Encoding for DC Balance and Reduced EMI
♦ Control Data Sent During Video Blanking
♦ Five Control Data Inputs are Single-Bit-Error Tolerant
♦ Programmable Phase-Shifted LVDS Signaling Reduces EMI
♦ Output Common-Mode Filter Reduces EMI
♦ Greater Than 10m STP Cable Drive
♦ Wide ±2% Reference Clock Tolerance
♦ ISO 10605 and IEC 61000-4-2 Level 4 ESD Protection
♦ Separate Input Supply Allows Interface to 1.8V to 3.3V Logic
♦ +3.3V Core Supply
♦ Space-Saving LQFP Package
♦ -40°C to +85°C and -40°C to +105°C Operating Temperature Ranges

Applications
   Navigation System Displays
   In-Vehicle Entertainment Systems
   Video Cameras
   LCDs




Similar Part No. - MAX9247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247 Datasheet
186Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247 Datasheet
223Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9247 MAXIM-MAX9247 Datasheet
1Mb / 12P
Fully Assembled and Tested
Rev 0; 9/09
MAX9247ECM+ MAXIM-MAX9247ECM+ Datasheet
186Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247ECM+ MAXIM-MAX9247ECM+ Datasheet
223Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
More results


Similar Description - MAX9247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com