Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7578H Datasheet (PDF) - OKI electronic componets

MSM7578H Datasheet PDF - OKI electronic componets
Part # MSM7578H
Download  MSM7578H Download
File Size   158.88 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7578H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7578H Datasheet PDF - OKI electronic componets

Part # MSM7578H
Download  MSM7578H Click to download

File Size   158.88 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7578H Datasheet (HTML) - OKI electronic componets


MSM7578H Product details

GENERAL DESCRIPTION

The MSM7578 and MSM7579 are single-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion. Designed especially for a single-power supply and low-power applications, these devices are particularly optimized for telephone terminals in digital wireless systems and ISDN systems. The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B. The analog output signal can directly drive a piezoelectric type handset receiver.





FEATURES

• Single power supply: +5.0 V ±5%

• Low power consumption

  Operating mode:    25 mW Typ.  47 mW Max. VDD = 5 V

  Power down mode: 0.05 mW Typ. 0.3 mW Max. VDD = 5 V

• ITU-T Companding law

  MSM7578H: m-law

  MSM7579: A-law

  MSM7578V: m/A-law pin-selectable

• Built-in PLL eliminates a master clock

• Serial data rate: 64/128/256/512/1024/2048 kHz 96/192/384/768/1536/1544/200 kHz

• Adjustable transmit gain

• Built-in reference voltage supply

• Directly drive a line transformer of 600 W

• The 16-pin DIP and 24-pin SOP package products provide pin compatibility with the MSM7508B/7509B

• The 20-pin SSOP package products have 1/3 the foot print of conventional products

• Package options:

16-pin plastic DIP (DIP16-P-300-2.54) (Product name : MSM7578HRS)

(Product name : MSM7579RS)

(Product name : MSM7578VRS)

24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7578HGS-K)

(Product name : MSM7578VGS-K)

(Product name : MSM7579GS-K)

20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name : MSM7578HMS-K)

(Product name : MSM7579MS-K)

(Product name : MSM7578VMS-K)




Similar Part No. - MSM7578H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
More results


Similar Description - MSM7578H

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com