Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7566 Datasheet (PDF) - OKI electronic componets

MSM7566 Datasheet PDF - OKI electronic componets
Part # MSM7566
Download  MSM7566 Download
File Size   180.09 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7566 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7566 Datasheet PDF - OKI electronic componets

Part # MSM7566
Download  MSM7566 Click to download

File Size   180.09 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7566 Datasheet (HTML) - OKI electronic componets


MSM7566 Product details

GENERAL DESCRIPTION
The MSM7566 and MSM7567 are single-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filter for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices are optimized for telephone terminals in digital wireless systems.
The MSM7566 and MSM7567 use newly-designed operational amplifiers to maintain small current deviations caused by power voltage fluctuations.
The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output signal, which is of a differential type, directly drives a handset receiver.

FEATURES
• Single power supply: +2.7 V to +3.8 V
• Low power consumption
    Operating mode: 15 mW Typ. 24 mW Max. VDD = 3.0 V
    Power save mode: 6 mW Typ. 18 mW Max. VDD = 3.0 V
    Power down mode: 0.03 mW Typ. 0.2 mW Max. VDD = 3.0 V
• ITU-T Companding law
    MSM7566: μ-law
    MSM7567: A-law
• Transmission characteristics comply with ITU-T G.714
• Built-in PLL eliminates a master clock
• Serial data rate: 64/128/256/512/1024/2048 kHz
                             96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Adjustable receive gain
• Built-in reference voltage supply
• Built-in analog loop back test mode
• Differential type analog output. Directly drives a piezoelectric type receiver equivalent to 1.2 kΩ +55 nF
• Analog output amplifiers can operate in the power save mode
• Pin-for-pin compatible with the MSM7541 and the MSM7542
• Package options:
    20-pin plastic skinny DIP (DIP20-P-300-2.54-S1) (Product name : MSM7566RS)
                                                                                   (Product name : MSM7567RS)
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7566GS-K)
                                                                         (Product name : MSM7567GS-K)
    26-pin plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product name : MSM7566TS-K)
                                                                                    (Product name : MSM7567TS-K)




Similar Part No. - MSM7566

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7560 OKI-MSM7560 Datasheet
156Kb / 16P
Single Rail ADPCM CODEC
MSM7560L OKI-MSM7560L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
A Single Chip 14.4 kbps Data & Fax Modem
More results


Similar Description - MSM7566

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com