Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1550CT Datasheet (PDF) - Vishay Siliconix

MBR1550CT Datasheet PDF - Vishay Siliconix
Part # MBR1550CT
Download  MBR1550CT Download
File Size   64.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 15A Schottky Barrier Rectifier

MBR1550CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1550CT Datasheet PDF - Vishay Siliconix

Part # MBR1550CT
Download  MBR1550CT Click to download

File Size   64.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 15A Schottky Barrier Rectifier

MBR1550CT Datasheet (HTML) - Vishay Siliconix


MBR1550CT Product details

Features
● Schottky barrier chip
● Guard ring die constuction for transient protection
● Low power loss, high efficiency
● High current capability and low forward voltage drop
● High surge capability
● For use in low voltage, high frequency inverters, free wheeling, and polarity protection application
● Plastic material – UL Recognition flammability classification 94V–0




Similar Part No. - MBR1550CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1550CT DIODES-MBR1550CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
General Semiconductor
MBR1550CT GE-MBR1550CT Datasheet
82Kb / 2P
SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
MBR1550CT FAIRCHILD-MBR1550CT Datasheet
75Kb / 3P
Schottky Rectifiers
logo
Taiwan Semiconductor Co...
MBR1550CT TSC-MBR1550CT Datasheet
384Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR1550CT VISHAY-MBR1550CT Datasheet
55Kb / 3P
Dual Schottky Barrier Rectifier
01-Jul-02
More results


Similar Description - MBR1550CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
MBR1530CT DIODES-MBR1530CT_1 Datasheet
67Kb / 3P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. 9 - 2
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
logo
Digitron Semiconductors
MUR1505 DIGITRON-MUR1505 Datasheet
459Kb / 5P
15A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT_15 Datasheet
73Kb / 3P
15A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBRB1530CT DIODES-MBRB1530CT_15 Datasheet
82Kb / 4P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 7
logo
SeCoS Halbleitertechnol...
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
60V, 15A Low VF Schottky Barrier Rectifier
logo
Diodes Incorporated
SDT15H100P5 DIODES-SDT15H100P5 Datasheet
417Kb / 5P
15A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
September 2017 Rev. 3 - 2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com