Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD1560L Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMPD1560L Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMPD1560L
Download  SMPD1560L Download
File Size   224.64 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 60V, 15A Low VF Schottky Barrier Rectifier

SMPD1560L Datasheet (PDF)

Go To PDF Page Download Datasheet
SMPD1560L Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMPD1560L
Download  SMPD1560L Click to download

File Size   224.64 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 60V, 15A Low VF Schottky Barrier Rectifier

SMPD1560L Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMPD1560L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
100V, 15A Low VF Schottky Barrier Rectifiers
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L_18 Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SMPD1560L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL40U60 SECOS-SBL40U60 Datasheet
143Kb / 2P
60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SBL40U60F SECOS-SBL40U60F Datasheet
159Kb / 2P
60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
200V, 15A Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
8A/60V Low VF Schottky Rectifier
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
15A/45V Low VF Schottky Rectifier
SD1060SL LUGUANG-SD1060SL Datasheet
10Mb / 4P
10A/60V Low VF Schottky Rectifier
SD1550SL LUGUANG-SD1550SL Datasheet
840Kb / 4P
15A/50V Low VF Schottky Rectifier
SD15S150SL LUGUANG-SD15S150SL Datasheet
1Mb / 4P
15A/150V Low VF Schottky Rectifier
Revision:20181101-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com