Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD15150L Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMPD15150L Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMPD15150L
Download  SMPD15150L Download
File Size   215.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 150V, 15A Low VF Schottky Barrier Rectifiers

SMPD15150L Datasheet (PDF)

Go To PDF Page Download Datasheet
SMPD15150L Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMPD15150L
Download  SMPD15150L Click to download

File Size   215.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 150V, 15A Low VF Schottky Barrier Rectifiers

SMPD15150L Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMPD15150L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15150L SECOS-SMPD15150L Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L_18 Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SMPD15150L

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD1545L SECOS-SMPD1545L Datasheet
221Kb / 2P
45V, 15A Low VF Planar MOS Barrier Schottky Rectifiers
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
60V, 15A Low VF Schottky Barrier Rectifier
SMPD10150L SECOS-SMPD10150L Datasheet
225Kb / 2P
150V, 10A Low VF Schottky Barrier Rectifiers
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
100V, 15A Low VF Schottky Barrier Rectifiers
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
200V, 15A Low VF Schottky Barrier Rectifiers
logo
Shindengen Electric Mfg...
D15FY15ST SHINDENGEN-D15FY15ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 150V, 15A
logo
Shenzhen Luguang Electr...
SD15S150SL LUGUANG-SD15S150SL Datasheet
1Mb / 4P
15A/150V Low VF Schottky Rectifier
Revision:20181101-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com