Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD15100L Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMPD15100L Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMPD15100L
Download  SMPD15100L Download
File Size   215.93 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 100V, 15A Low VF Schottky Barrier Rectifiers

SMPD15100L Datasheet (PDF)

Go To PDF Page Download Datasheet
SMPD15100L Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMPD15100L
Download  SMPD15100L Click to download

File Size   215.93 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 100V, 15A Low VF Schottky Barrier Rectifiers

SMPD15100L Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMPD15100L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L_18 Datasheet
115Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SMPD15100L

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S15D30 MOSPEC-S15D30 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(15A,70-100V)
logo
SeCoS Halbleitertechnol...
SBL20H100RF SECOS-SBL20H100RF Datasheet
309Kb / 2P
VOLTAGE 100V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBL40H100RF SECOS-SBL40H100RF Datasheet
328Kb / 2P
VOLTAGE 100V 40.0 Amp Low VF Schottky Barrier Rectifiers
SK5100BM SECOS-SK5100BM Datasheet
186Kb / 2P
100V, 5A Low VF Schottky Barrier Rectifiers
SMPD1545L SECOS-SMPD1545L Datasheet
221Kb / 2P
45V, 15A Low VF Planar MOS Barrier Schottky Rectifiers
SMPD5100L SECOS-SMPD5100L Datasheet
294Kb / 2P
100V, 5A Low VF Schottky Barrier Rectifiers
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
100V, 10A Low VF Schottky Barrier Rectifiers
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
200V, 15A Low VF Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com