Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7581 Datasheet (PDF) - OKI electronic componets

MSM7581 Datasheet PDF - OKI electronic componets
Part # MSM7581
Download  MSM7581 Download
File Size   165.73 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description ITU-T G.721 4ch ADPCM TRANSCODER

MSM7581 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7581 Datasheet PDF - OKI electronic componets

Part # MSM7581
Download  MSM7581 Click to download

File Size   165.73 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description ITU-T G.721 4ch ADPCM TRANSCODER

MSM7581 Datasheet (HTML) - OKI electronic componets


MSM7581 Product details

GENERAL DESCRIPTION
The MSM7581 is an ADPCM transcoder which is used by the new digital cordless system. It converts 64 kbps voice PCM serial data to 32 kbps ITU-T G.721 ADPCM serial data, and vice versa.
This device is consists of four systems with full-duplex voice data channels and a data-through mode.
The MSM7581 provides cost effective solutions for digital cordless office telephone systems which are incorporated into PABXs, and for the public base stations which are connected to the Central Office through digital PSTNs.

FEATURES
• Conforms to ITU-T G.721
• Built-in Full-duplex Transcoder with Four Data Channels
• PCM companding Law: A-law/µ-law selectable
• Serial PCM Data Transmission Speed: 64 kbps to 2048 kbps
• Serial ADPCM Data Transmission Speed: 32 kbps to 2048 kbps
• Hardware Reset – ITU-T G.721 Optional Reset – for each channel
• Power Down Control for each channel
• Decoder (ADPCM -> PCM ) Mute Mode and PAD Mode for each channel
• ADPCM Data-through Mode
• Capable of time slot conversion
• Special ADPCM Input Data Code (”0000”) Detector for each channel
• Master Clock Signal : Not necessary
• Power supply voltage/Consumption current : +2.7 V to +5.5 V, 2 mA/channel (max)
• Package :
    100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product name : MSM7581TS-K)




Similar Part No. - MSM7581

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
ITU-T G.721 ADPCM TRANSCODER
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
MSM7582B OKI-MSM7582B Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
More results


Similar Description - MSM7581

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
ITU-T G.721 ADPCM TRANSCODER
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
Low Power Quad ADPCM Transcoder
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
ITU-T
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com