Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9125 Datasheet (PDF) - Mitel Networks Corporation

MT9125 Datasheet PDF - Mitel Networks Corporation
Part # MT9125
Download  MT9125 Download
File Size   299.05 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual ADPCM Transcoder

MT9125 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9125 Datasheet PDF - Mitel Networks Corporation

Part # MT9125
Download  MT9125 Click to download

File Size   299.05 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual ADPCM Transcoder

MT9125 Datasheet (HTML) - Mitel Networks Corporation


MT9125 Product details

Description
The Dual-channel ADPCM transcoder is a low power, CMOS device capable of two encoder functions and two decoder functions. Two 64 kbit/s PCM channels are compressed into two 32 kbit/s ADPCM channels, and two 32 kbit/s ADPCM channels are expanded into two 64 kbit/s PCM channels. The 32 kbit/s ADPCM transcoding algorithm utilized conforms to CCITT Recommendation G.721 and ANSI T1.303-1989. The device also supports a 24 kbit/s (three bit word) algorithm (CCITT/G.723).

Features
• Dual channel full duplex transcoder
• 32 kbit/s and 24 kbit/s ADPCM coding,
• compatible to G.721 & and G.723 (1988) and ANSI T1.303-1989
• Low power operation, total 25mW typical
• Asynchronous 4.096 MHz master clock operation
• Transparent ADPCM bypass capability
• Serial interface for both PCM and ADPCM data streams
• ST-BUS interface supported
• Pin selected µ-law or A-law operation
• Pin selected CCITT or sign-magnitude PCM coding
• Single 5 volt power supply
• Optional reset value (CCITT Table 3/G.721) capability

Applications
• Pair gain
• Voice mail systems
• Wireless set base stations




Similar Part No. - MT9125

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
MT9123AE MITEL-MT9123AE Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
More results


Similar Description - MT9125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
ITU-T G.721 ADPCM TRANSCODER
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
ITU-T G.721 4ch ADPCM TRANSCODER
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
Low Power Quad ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com