Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9123 Datasheet (PDF) - Mitel Networks Corporation

MT9123 Datasheet PDF - Mitel Networks Corporation
Part # MT9123
Download  MT9123 Download
File Size   191.69 Kbytes
Page   32 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual Voice Echo Canceller

MT9123 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9123 Datasheet PDF - Mitel Networks Corporation

Part # MT9123
Download  MT9123 Click to download

File Size   191.69 Kbytes
Page   32 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual Voice Echo Canceller

MT9123 Datasheet (HTML) - Mitel Networks Corporation


MT9123 Product details

Description

The MT9123 Voice Echo Canceller implements a cost effective solution for telephony voice-band echo

cancellation conforming to ITU-T G.165 requirements. The MT9123 architecture contains two echo cancellers which can be configured to provide dual channel 64 millisecond echo cancellation or single channel 128 millisecond echo cancellation.



Features

• Dual channel 64ms or single channel 128ms echo cancellation

• Conforms to ITU-T G.165 requirements

• Narrow-band signal detection

• Programmable double-talk detection threshold

• Non-linear processor with adaptive suppression threshold and comfort noise insertion

• Offset nulling of all PCM channels

• Controllerless mode or Controller mode with serial interface

• ST-BUS or variable-rate SSI PCM interfaces

• Selectableµ/A-Law ITU-T G.711; µ/A-Law Sign Mag; linear 2’s complement

• Per channel selectable 12 dB attenuator

• Transparent data transfer and mute option

• 19.2 MHz master clock operation



Applications

• Wireless Telephony

• Trunk echo cancellers




Similar Part No. - MT9123

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
More results


Similar Description - MT9123

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
256 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com