Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9122 Datasheet (PDF) - Mitel Networks Corporation

MT9122 Datasheet PDF - Mitel Networks Corporation
Part # MT9122
Download  MT9122 Download
File Size   143.61 Kbytes
Page   32 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual Voice Echo Canceller with Tone Detection

MT9122 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9122 Datasheet PDF - Mitel Networks Corporation

Part # MT9122
Download  MT9122 Click to download

File Size   143.61 Kbytes
Page   32 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Dual Voice Echo Canceller with Tone Detection

MT9122 Datasheet (HTML) - Mitel Networks Corporation


MT9122 Product details

Description

The MT9122 Voice Echo Canceller implements a cost effective solution for telephony voice-band echo

cancellation conforming to ITU-T G.165 requirements. The MT9122 architecture contains two echo cancellers which can be configured to provide dual channel 64 millisecond echo cancellation or single channel 128 millisecond echo cancellation. The MT9122 supportsITU-T G.165 or G.164 tone disable requirements.



Features

• Dual channel 64ms or single channel 128ms echo cancellation

• Conforms to ITU-T G.165 requirements

• ITU-T G.165/G.164 disable tone detection supported on all audio paths

• Narrow-band signal detection

• Programmable double-talk detection threshold

• Non-linear processor with adaptive suppression threshold and comfort noise insertion

• Offset nulling of all PCM channels

• Controllerless mode or Controller mode with serial interface

• ST-BUS or variable-rate SSI PCM interfaces

• Selectableµ/A-Law ITU-T G.711; µ/A-Law Sign Mag; linear 2’s complement

• Per channel selectable 12 dB attenuator

• Transparent data transfer and mute option

• 19.2 MHz master clock operation



Applications

• Wireless Telephony

• Trunk echo cancellers




Similar Part No. - MT9122

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
MT9123AE MITEL-MT9123AE Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
MT9123AP MITEL-MT9123AP Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
More results


Similar Description - MT9122

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
256 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com