Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LVB01 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LVB01 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LVB01
Download  PI90LVB01 Download
File Size   198.77 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny LVDS High-Speed Differential Line Driver

PI90LVB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LVB01 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LVB01
Download  PI90LVB01 Click to download

File Size   198.77 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny LVDS High-Speed Differential Line Driver

PI90LVB01 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LVB01 Product details

Description
The PI90LV01 and PI90LVB01 are differential line drivers that use low-voltage differential signaling (LVDS) to support data rates up to 660 Mbps. These products are designed for applications requiring high-speed, low-power consumption, low-noise generation, and a small package.

Features
• Meets or Exceeds ANSI TIA/EIA-644-1955 Standard
• Signaling rates up to 660 Mbps
• Bus-Terminal ESD exceeds 2kV
• Low-Voltage Differential Signaling with typical Output Voltages of 350mV:
    - 100-ohm load (PI90LV01)
    - 50-ohm load (PI90LVB01)
• Typical Propagation Delay Times of 1.5ns
• Typical Power Dissipation of 20mW @200 MHz
• Low-Voltage TTL (LVTTL) Level is 5V Tolerant
• Bus Pins are High Impedance when disabled or VCC<1.5V
• Operates from a 3.3V supply
• Drive is High Impedance with VCC <1.5V
• Industrial Temperature Operating Range: –40°C to 85°C
• Packaging (Pb-free & Green available):
    - 5-pin space-saving SOT-23 (T)




Similar Part No. - PI90LVB01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
PI90LVB010U PERICOM-PI90LVB010U Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
PI90LVB010UE PERICOM-PI90LVB010UE Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
PI90LVB010W PERICOM-PI90LVB010W Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
PI90LVB010WE PERICOM-PI90LVB010WE Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
More results


Similar Description - PI90LVB01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
LVDS Single High Speed Differential Driver
logo
Pericom Semiconductor C...
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
LVDS High-Speed Differential Line Receivers
logo
National Semiconductor ...
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
LVDS Single High Speed Differential Driver
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01_09 Datasheet
454Kb / 8P
SOTiny LVDS High-Speed Differential Line Driver
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
3.3V LVDS High-Speed Differential Line Driver and Receiver
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
LVDS High-Speed Differential Line Receivers
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
LVDS Dual High Speed Differential Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com