Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LVB010 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LVB010 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LVB010
Download  PI90LVB010 Download
File Size   460.31 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Single Bus LVDS Transceiver

PI90LVB010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LVB010 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LVB010
Download  PI90LVB010 Click to download

File Size   460.31 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Single Bus LVDS Transceiver

PI90LVB010 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LVB010 Product details

Description
The PI90LVB010 is a differential line driver and receiver (transceiver) that is similar to the IEEE1596.3 SCI and ANSI/TIA/EIA-644LVDS standards, the difference is that the driver output current is higher. This modification enables true half-duplex operation with more than one LVDS driver or with two line transmission resistors over a 50Ω differential transmission line. To minimize bus loading, the driver outputs and receiver inputs are internally connected. The logic interface provides maximum flexibility resulting from four separate lines that are provided: DIN, DE, RE, and ROUT.
This device also feature flow-through which allows easy PCB routing for short stubs between the bus pins and the connector. The driver has 10mA drive capability, allowing it to drive heavily loaded backplanes, with impedance as low as 27Ω.

Features
• Bus LVDS Signaling (BLVDS)
• Designed for Double Termination Applications
• Balanced Output Impedance
• Light Bus Loading: 5pF typical
• Glitch-free power up/down (Driver Disabled)
• Operates from a 3.3V supply
• High Signaling Rate Capability: >100Mbps
• Driver:
    – ±250mV Differential Swing into a 27Ω load
    – Propagation Delay of 1.5ns typ.
    – Low Voltage TTL (LVTTL) Inputs are 5V Tolerant
    – Driver is High Impedance when disabled or VCC <1.5V
• Receiver:
    – Accepts ±50mV (min.) Differential Swing with up to 2.0V ground potential difference
    – Propagation Delay of 3.3ns typical
    – Low Voltage TTL (LVTTL) Outputs
    – Open, Short, and Terminated Fail Safe
• Bus terminal ESD exceeds 10kV
• Industrial Temperature Operation (–40°C to +85°C)
• Packaging (Pb-free & Green available):
    – 8-lead SOIC (W)
    – 8-lead MSOP (U)




Similar Part No. - PI90LVB010

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB01 PERICOM-PI90LVB01 Datasheet
198Kb / 8P
SOTiny LVDS High-Speed Differential Line Driver
PI90LVB01TEX PERICOM-PI90LVB01TEX Datasheet
454Kb / 8P
SOTiny LVDS High-Speed Differential Line Driver
More results


Similar Description - PI90LVB010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
4 Channel Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
logo
Pericom Semiconductor C...
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
Single Bus LVDS Transceiver
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com