Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV019 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV019 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV019
Download  PI90LV019 Download
File Size   432.25 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Single Bus LVDS Transceiver

PI90LV019 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV019 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV019
Download  PI90LV019 Click to download

File Size   432.25 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Single Bus LVDS Transceiver

PI90LV019 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV019 Product details

Description
The PI90LV019, differential line driver and receiver (transceiver), is compliant to IEEE1596.3 SCI and ANSI/TIA/EIA-644LVDS standards. The logic interface provides maximum flexibility resulting from four separate lines that are provided: DIN, DE, RE, and ROUT. These devices also feature flow through which allows easy PCB routing for short stubs between the bus pins and the connector.

Features
• Balanced Output Impedance
• Light Bus Loading: 5pF typical
• Glitch-free power up/down (Driver Disabled)
• High Signaling Rate Capability: >500 Mbps
• Driver:
    – ±350mV Differential Swing into:
    – 100-ohm load (PI90LV019)
• Receiver:
    – Accepts ±50mV (min.) Differential Swing with up to 2.0V ground potential difference
    – Propagation Delay of 3.3ns typ.
    – Low Voltage TTL (LVTTL) Outputs
    – Open, Short, and Terminated Fail Safe
• Bus terminal ESD exceeds 9kV
• Industrial Temperature Operation (–40°C to +85°C)
• Packaging: (Pb-free & Green available)
    14-lead SOIC (W) and 14-lead TSSOP (L)




Similar Part No. - PI90LV019

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
More results


Similar Description - PI90LV019

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
4 Channel Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
Bus LVDS 3.3/5.0V Single Transceiver
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com