Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA60D03A Datasheet (PDF) - Excelliance MOS Corp.

EMA60D03A Datasheet PDF - Excelliance MOS Corp.
Part # EMA60D03A
Download  EMA60D03A Download
File Size   241.31 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMA60D03A Datasheet (PDF)

Go To PDF Page Download Datasheet
EMA60D03A Datasheet PDF - Excelliance MOS Corp.

Part # EMA60D03A
Download  EMA60D03A Click to download

File Size   241.31 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMA60D03A Datasheet (HTML) - Excelliance MOS Corp.


EMA60D03A Product details

Product Summary:
                                N‐CH       P‐CH
   BVDSS                25V          ‐25V
   RDSON (MAX.)   20mΩ        60mΩ
   ID                        15A          ‐10A

Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMA60D03A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA6 ROHM-EMA6 Datasheet
61Kb / 3P
Emitter common (dual digital transistors)
logo
ON Semiconductor
EMA6DXV5T1 ONSEMI-EMA6DXV5T1 Datasheet
40Kb / 4P
Dual Common Emitter Bias Resistor Transistor PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
September, 2003 ??Rev. 0
EMA6DXV5T5 ONSEMI-EMA6DXV5T5 Datasheet
40Kb / 4P
Dual Common Emitter Bias Resistor Transistor PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
September, 2003 ??Rev. 0
More results


Similar Description - EMA60D03A

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20D03H EXCELLIANCE-EMB20D03H Datasheet
216Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21C03S EXCELLIANCE-EMB21C03S Datasheet
266Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22C04A EXCELLIANCE-EMB22C04A Datasheet
236Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB28C03G EXCELLIANCE-EMB28C03G Datasheet
216Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB35C04A EXCELLIANCE-EMB35C04A Datasheet
212Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50D03G EXCELLIANCE-EMB50D03G Datasheet
252Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB60C06G EXCELLIANCE-EMB60C06G Datasheet
217Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5C10A EXCELLIANCE-EMBA5C10A Datasheet
215Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02G EXCELLIANCE-EMF30C02G Datasheet
268Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02K EXCELLIANCE-EMF30C02K Datasheet
259Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com