Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB50D03G Datasheet (PDF) - Excelliance MOS Corp.

EMB50D03G Datasheet PDF - Excelliance MOS Corp.
Part # EMB50D03G
Download  EMB50D03G Download
File Size   252.43 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB50D03G Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB50D03G Datasheet PDF - Excelliance MOS Corp.

Part # EMB50D03G
Download  EMB50D03G Click to download

File Size   252.43 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB50D03G Datasheet (HTML) - Excelliance MOS Corp.


EMB50D03G Product details

Product Summary:
                              N‐CH         P‐CH
   BVDSS               30V           ‐30V
   RDSON (MAX.)  21mΩ         50mΩ
   ID                        8A             ‐5A

UIS, Rg 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMB50D03G

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB50B03G EXCELLIANCE-EMB50B03G Datasheet
221Kb / 5P
Dual P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50B03V EXCELLIANCE-EMB50B03V Datasheet
207Kb / 5P
Dual P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50N10A EXCELLIANCE-EMB50N10A Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50N10G EXCELLIANCE-EMB50N10G Datasheet
183Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50N10S EXCELLIANCE-EMB50N10S Datasheet
191Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - EMB50D03G

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMA60D03A EXCELLIANCE-EMA60D03A Datasheet
241Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20D03H EXCELLIANCE-EMB20D03H Datasheet
216Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21C03S EXCELLIANCE-EMB21C03S Datasheet
266Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22C04A EXCELLIANCE-EMB22C04A Datasheet
236Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB28C03G EXCELLIANCE-EMB28C03G Datasheet
216Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB35C04A EXCELLIANCE-EMB35C04A Datasheet
212Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB60C06G EXCELLIANCE-EMB60C06G Datasheet
217Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5C10A EXCELLIANCE-EMBA5C10A Datasheet
215Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02G EXCELLIANCE-EMF30C02G Datasheet
268Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02K EXCELLIANCE-EMF30C02K Datasheet
259Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com