Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYM1836 Datasheet (PDF) - Cypress Semiconductor

CYM1836 Datasheet PDF - Cypress Semiconductor
Part # CYM1836
Download  CYM1836 Download
File Size   540.41 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 32 Static RAM Module

CYM1836 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYM1836 Datasheet PDF - Cypress Semiconductor

Part # CYM1836
Download  CYM1836 Click to download

File Size   540.41 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 32 Static RAM Module

CYM1836 Datasheet (HTML) - Cypress Semiconductor


CYM1836 Product details

Functional Description
The CYM1836 is a high-performance 4-megabit static RAM module organized as 128K words by 32 bits. This module is constructed from four 128K x 8 SRAMs in SOJ packages mounted on an epoxy laminate board with pins.

Features
• High-density 4-megabit SRAM module
• 32-bit standard footprint supports densities from 16K x 32 through 1M x 32
• High-speed CMOS SRAMs
   — Access time of 15 ns
• Low active power
   — 2.6W (max.) at 20 ns
• SMD technology
• TTL-compatible inputs and outputs
• Low profile
   — Max. height of 0.57 in.
• Small PCB footprint
   — 0.78 sq. in.
• Available in SIMM, ZIP format. SIMM suitable for vertical or angled sockets.




Similar Part No. - CYM1836

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1831PM-15C CYPRESS-CYM1831PM-15C Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1831PM-20C CYPRESS-CYM1831PM-20C Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1831PM-25C CYPRESS-CYM1831PM-25C Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1831PM-35C CYPRESS-CYM1831PM-35C Datasheet
246Kb / 8P
64K x 32 Static RAM Module
More results


Similar Description - CYM1836

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4060 IDT-IDT7MP4060 Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
1,024K x 32 Static RAM Module
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com