Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYM1831 Datasheet (PDF) - Cypress Semiconductor

CYM1831 Datasheet PDF - Cypress Semiconductor
Part # CYM1831
Download  CYM1831 Download
File Size   246.88 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K x 32 Static RAM Module

CYM1831 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYM1831 Datasheet PDF - Cypress Semiconductor

Part # CYM1831
Download  CYM1831 Click to download

File Size   246.88 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K x 32 Static RAM Module

CYM1831 Datasheet (HTML) - Cypress Semiconductor


CYM1831 Product details

Functional Description
The CYM1831 is a high-performance 2-Mbit static RAM module organized as 64K words by 32 bits. This module is constructed from eight 64K x 4 SRAMs in SOJ packages mounted on an epoxy laminate board with pins. Four chip selects (CS1, CS2, CS3, and CS4) are used to independently enable the four bytes. Reading or writing can be executed on individual bytes or any combination of multiple bytes through proper use of selects.

Features
• High-density 2-Mbit SRAM module
• 32-bit standard footprint supports densities from 16K x 32 through 1M x 32
• High-speed CMOS SRAMs
    — Access time of 15 ns
• Low active power
    — 5.3W (max.)
• SMD technology
• TTL-compatible inputs and outputs
• Low profile
    — Max. height of 0.50 in.
• Small PCB footprint
    — 1.2 sq. in.




Similar Part No. - CYM1831

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
128K x 32 Static RAM Module
CYM1836P8-15C CYPRESS-CYM1836P8-15C Datasheet
540Kb / 8P
128K x 32 Static RAM Module
CYM1836P8-20C CYPRESS-CYM1836P8-20C Datasheet
540Kb / 8P
128K x 32 Static RAM Module
CYM1836P8-25C CYPRESS-CYM1836P8-25C Datasheet
540Kb / 8P
128K x 32 Static RAM Module
CYM1836P8-30C CYPRESS-CYM1836P8-30C Datasheet
540Kb / 8P
128K x 32 Static RAM Module
More results


Similar Description - CYM1831

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
64K x 16 Static RAM
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
1,024K x 32 Static RAM Module
logo
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
128K x 32 Static RAM Module
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
64K x 16 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com