Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-181 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-181 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-181
Download  HCPL-181 Download
File Size   74.3 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-181 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-181 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-181
Download  HCPL-181 Click to download

File Size   74.3 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-181 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-181 Product details

Description

The HCPL-181 contains a light emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin mini-flat SMD package with a 2.0 mm profile. The small dimension of this product allows significant space saving. The package volume is 30% smaller than that of conventional DIP type. Input-output isolation voltage is 3750 Vrms. Response time, tr, is typically 4 µs and minimum CTR is

50% at input current of 5 mA.



Features

• Current Transfer Ratio (CTR: min. 50% at IF= 5 mA,VCE= 5 V)

• High input-output isolation voltage (Viso= 3750 Vrms)

• High collector-emitter voltage (VCEO = 80 V)

• Response time (tr: typ., 4 µs at VCE= 2 V, IC= 2 mA, RL= 100 Ω)

• Mini-flat package (2.0 mm profile) in tape and reel package

• UL approved

• CSA approved

• IEC/EN/DIN EN 60747-5-2 approved

• Options available:

– IEC/EN/DIN EN 60747-5-2 approvals (060)



Applications

• I/O interfaces for computers

• System appliances, measuring in struments

• Signal transmission between circuits of different potentials andimpedances

• Feedback circuit in power supply




Similar Part No. - HCPL-181

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results


Similar Description - HCPL-181

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com