Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-181 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-181 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-181
Download  HCPL-181 Download
File Size   105.1 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-181 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-181 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-181
Download  HCPL-181 Click to download

File Size   105.1 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-181 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-181 Product details

Description

The HCPL-181 contains a light emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin mini-flat SMD package with a 2.0 mm profile. The small dimension of this product allows significant space saving. The package volume is 30% smaller than that of conventional DIP type. Input-output isolation voltage is 3750 Vrms. Response time, tr, is typically 4 µs and minimum CTR is 50% at input current of 5 mA.



Features

•  Current Transfer Ratio (CTR: min. 50% at IF = 5 mA, VCE = 5 V)

•  High input-output isolation voltage (Viso = 3750 Vrms)

•  High collector-emitter voltage (VCEO = 80 V)

•  Response time (tr: typ., 4 µs at VCE = 2 V, IC = 2 mA, RL = 100 Ω)

•  Mini-flat package (2.0 mm profile) in tape and reel package

•  UL approved

•  CSA approved

•  IEC/EN/DIN EN 60747-5-2 approved

•  Options available:  

 – IEC/EN/DIN EN 60747-5-2 approvals (060)



Applications

•  I/O interfaces for computers

•  System appliances, measuring instruments

•  Signal transmission between circuits of different  potentials and impedances

•  Feedback circuit in power supply




Similar Part No. - HCPL-181

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181-000E HP-HCPL-181-000E Datasheet
74Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results


Similar Description - HCPL-181

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com