Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-T250 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-T250 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-T250
Download  HCPL-T250 Download
File Size   364.54 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-T250 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-T250 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-T250
Download  HCPL-T250 Click to download

File Size   364.54 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-T250 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-T250 Product details

Description
The HCPL-T250 contains GaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications.

Features
• Input Threshold Current (IFLH): 5 mA (Max.)
• Supply Current (ICC): 11 mA (Max.)
• Supply Voltage (VCC): 15-35 V
• Output Current (IO): ± 0.5 A (Min.)
• Switching Time (tPLH/tPHL): 0.5 µs (Max.)
• Isolation Voltage (VISO): 3750 Vrms (Min.)
• UL 1577 Recognized: File No. E55361
• CSA Approved
• IEC/EN/DIN EN 60747-5-2 Approved with VIORM = 630 Vpeak
• 8 kV/µs Minimum Common Mode Rejection (CMR) at Vcm = 1500 V
• Creepage Distance: 7.4 mm. Clearance: 7.1 mm.

Applications
• IGBT/MOSFET Gate Drive
• AC/Brushless DC Motor Drives
• Industrial Inverters
• Switch Mode Power Supplies




Similar Part No. - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-000E AVAGO-HCPL-T250-000E Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-060E AVAGO-HCPL-T250-060E Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-300E AVAGO-HCPL-T250-300E Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com