Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-T250 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-T250 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-T250
Download  HCPL-T250 Download
File Size   232.67 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-T250 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-T250 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-T250
Download  HCPL-T250 Click to download

File Size   232.67 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-T250 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-T250 Product details

Description
The HCPL‑T250 contains GaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications.

Features
• Input threshold current (IFLH): 5 mA (max.)
• Supply current (ICC): 11 mA (max.)
• Supply voltage (VCC): 15‑35V
• Output current (IO): ±0.5 A (min.)
• Switching time (tPLH/tPHL): 0.5 µs (max.)
• Isolation voltage (VISO): 3750 Vrms (min.)
• UL 1577 recognized: File No. E55361
• CSA approved
• IEC/EN/DIN EN 60747‑5‑2 approved with VIORM = 630 Vpeak
• 5 kV/µs Minimum Common Mode Rejection (CMR) at Vcm = 1500 V
• Creepage distance: 7.4 mm Clearance: 7.1 mm

Applications
• IGBT/MOSFET gate drive
• AC/brushless DC motor drives
• Industrial inverters
• Switch mode power supplies




Similar Part No. - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-000E AVAGO-HCPL-T250-000E Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250-060 HP-HCPL-T250-060 Datasheet
364Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-060E AVAGO-HCPL-T250-060E Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250-300 HP-HCPL-T250-300 Datasheet
364Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com