Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958 Datasheet (PDF) - Analog Devices

AD9958 Datasheet PDF - Analog Devices
Part # AD9958
Download  AD9958 Download
File Size   1051.24 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel 500 MSPS DDS with 10-Bit DACs

AD9958 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9958 Datasheet PDF - Analog Devices

Part # AD9958
Download  AD9958 Click to download

File Size   1051.24 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel 500 MSPS DDS with 10-Bit DACs

AD9958 Datasheet (HTML) - Analog Devices


AD9958 Product details

GENERAL DESCRIPTION

The AD9958 consists of two DDS cores that provide indepen dent frequency, phase, and amplitude control on each channel. This flexibility can be used to correct imbalances between signals due to analog processing, such as filtering, amplification, or PCB layout related mismatches. Because both channels share

a common system clock, they are inherently synchronized. Synchronization of multiple devices is supported.



FEATURES

2 synchronized DDS channels @ 500 MSPS

Independent frequency/phase/amplitude control between channels

Matched latencies for frequency/phase/amplitude changes

Excellent channel-to-channel isolation (>72 dB)

Linear frequency/phase/amplitude sweeping capability

Up to 16 levels of frequency/phase/amplitude modulation (pin-selectable)

2 integrated 10-bit digital-to-analog converters (DACs)

Individually programmable DAC full-scale currents

0.12 Hz or better frequency tuning resolution

14-bit phase offset resolution

10-bit output amplitude scaling resolution

Serial I/O port interface (SPI) with 800 Mbps data throughput

Software-/hardware-controlled power-down

Dual supply operation (1.8 V DDS core/3.3 V serial I/O)

Multiple device synchronization

Selectable 4× to 20× REFCLK multiplier (PLL)

Selectable REFCLK crystal oscillator

56-lead LFCSP



APPLICATIONS

Agile local oscillators

Phased array radars/sonars

Instrumentation

Synchronized clocking

RF source for AOTF

Single-side band suppressed carriers

Quadrature communications




Similar Part No. - AD9958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958 AD-AD9958 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9958 AD-AD9958 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9958/PCBZ AD-AD9958/PCBZ Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958BCPZ AD-AD9958BCPZ Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
More results


Similar Description - AD9958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9959 AD-AD9959 Datasheet
246Kb / 9P
4 Channel 500MSPS DDS with 10-bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com