Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959 Datasheet (PDF) - Analog Devices

AD9959 Datasheet PDF - Analog Devices
Part # AD9959
Download  AD9959 Download
File Size   246.01 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Channel 500MSPS DDS with 10-bit DACs

AD9959 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9959 Datasheet PDF - Analog Devices

Part # AD9959
Download  AD9959 Click to download

File Size   246.01 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Channel 500MSPS DDS with 10-bit DACs

AD9959 Datasheet (HTML) - Analog Devices


AD9959 Product details

PRODUCT OVERVIEW

The AD9959 consists of four independently programmable DDS channels. The AD9959 features independent frequency, phase, and amplitude control of each channel; this allows for the correction of imbalances due to analog processing such as filtering, amplification, or PCB layout related mismatches. The AD9959 supports frequency sweeping for radar and instrumentation applications. Since all four channels share a common system clock, they are inherently synchronized. If more than four channels are required, synchronizing multiple AD9959s is a simple task.



FEATURES

  Four synchronized DDS channels @500 MSPS

  Independent frequency / phase / amplitude control between all channels

  Matched latencies for Freq, Phase, and Amplitude changes

  Excellent channel to channel isolation

  Frequency sweeping capability

  Up to 16 levels of modulation (pin selectable)

  Individually programmable DAC full scale currents

  Four integrated 10-bit D/A converters(DACs)

  32-bit frequency tuning resolution

  14-bit phase offset resolution

  10-bit output amplitude scaling resolution

  Serial I/O Port(SPI) with enhanced data throughput

  Software/Hardware controlled power-down

  Dual supply operation (1.8 V DDS core / 3.3 V serial I/O)

  Built-in synchronization for multiple devices

  Selectable REF_CLK multipier(PLL) 4x to 20x (bypassable)

  Selectable REF_CLK crystal operation

  56 pin LFCSP package



APPLICATIONS

  Agile L.O. frequency synthesis

  Phased array radar / sonar

  Instrumentation

  Synchronized clocking

  RF source for AOTF



 




Similar Part No. - AD9959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9959 AD-AD9959 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ AD-AD9959/PCBZ Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ1 AD-AD9959/PCBZ1 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results


Similar Description - AD9959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
10-Bit, 500MSPS A/D Converter
logo
Analog Devices
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
10-Bit, 500MSPS A/D Converter
June 4, 2010
ISLA110P50 INTERSIL-ISLA110P50_11 Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com