Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9959
Description  4 Channel 500MSPS DDS with 10-bit DACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959 Datasheet(HTML) 2 Page - Analog Devices

  AD9959 Datasheet HTML 1Page - Analog Devices AD9959 Datasheet HTML 2Page - Analog Devices AD9959 Datasheet HTML 3Page - Analog Devices AD9959 Datasheet HTML 4Page - Analog Devices AD9959 Datasheet HTML 5Page - Analog Devices AD9959 Datasheet HTML 6Page - Analog Devices AD9959 Datasheet HTML 7Page - Analog Devices AD9959 Datasheet HTML 8Page - Analog Devices AD9959 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AD9959
Preliminary Technical Data
Rev. PrB | Page 2 of 9
AD9959—SPECIFICATIONS
Table 1. Unless otherwise noted, AVDD, DVDD = 1.8 V ± 5%, DVDD_I/O = 3.3 V ± 5%, RSET = 1.96 kΩ, External Reference Clock
Frequency = 500 MSPS (REF_CLK multiplier bypassed)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
REF CLOCK INPUT CHARACTERISTICS
REF_CLK inputs must be AC
coupled due to internal biasing
Frequency Range
REF_CLK Multiplier bypassed
0
500
MHz
REF_CLK Multiplier enabled at 4x(min)
25
125
MHz
REF_CLK Multiplier enabled at 20x(max)
5
25
MHz
Internal VCO range w/ REF_CLK multiplier enabled
100
500
MHz
Crystal REF_CLK source mode
20
30
MHz
Input Power Sensitivity
-15
3
dBm
External 50 ohm termination
Input voltage level
400
mV
Input Capacitance
3
pF
Input Impedance
1500
ohms
Duty Cycle w/ REF_CLK Multiplier bypassed
50
%
Duty Cycle w/ REF_CLK Multiplier enabled
35
65
%
CLK Mode Select logic 1 Voltage
1.25
V
Not a 3.3V digital input
CLK Mode Select logic 0 Voltage
0.6
V
Not a 3.3V digital input
DAC OUTPUT CHARACTERISTICS
Must be referenced to AVDD
Resolution
10
Bits
Full Scale Ouput Current
10
mA
Gain Error
-10
10
%FS
Output Offset
0.6
uA
Differential Nonlinearity
-0.5
0.5
LSB
Integral Nonlinearity
-1
1
LSB
Output Capactiance
5
pF
Voltage Compliance Range
AVDD–
0.50
AVDD
+ 0.50
V
Channel to Channel Isolation
60
dB
Channel to Channel amplitude matching error
2
%
WIDEBAND SFDR
Wideband SFDR defined as DC to
Nyquist
1-20
MHz Analog Out
-65
dBc
20-60 MHz Analog Out
-62
dBc
60-100 MHz Analog Out
-59
dBc
100-150 MHz Analog Out
-56
dBc
150-200 MHz Analog Out
-54
dBc
NARROWBAND SFDR
1.1 MHz Analog Out (+/- 10kHz)
-90
dBc
1.1 MHz Analog Out (+/- 50kHz)
-88
dBc
1.1 MHz Analog Out (+/- 250kHz)
-86
dBc
1.1 MHz Analog Out (+/- 1MHz)
-85
dBc
15.1 MHz Analog Out (+/- 10kHz)
-90
dBc
15.1 MHz Analog Out (+/- 50kHz)
-87
dBc
15.1 MHz Analog Out (+/- 250kHz)
-85
dBc
15.1 MHz Analog Out (+/- 1MHz)
-83
dBc
40.1 MHz Analog Out (+/- 10kHz)
-90
dBc
40.1 MHz Analog Out (+/- 50kHz)
-87
dBc
40.1 MHz Analog Out (+/- 250kHz)
-84
dBc
40.1 MHz Analog Out (+/- 1MHz)
-82
dBc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com