Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7661B Datasheet (PDF) - OKI electronic componets

MSM7661B Datasheet PDF - OKI electronic componets
Part # MSM7661B
Download  MSM7661B Download
File Size   303.84 Kbytes
Page   42 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Decoder

MSM7661B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7661B Datasheet PDF - OKI electronic componets

Part # MSM7661B
Download  MSM7661B Click to download

File Size   303.84 Kbytes
Page   42 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description NTSC/PAL Digital Video Decoder

MSM7661B Datasheet (HTML) - OKI electronic componets


MSM7661B Product details

GENERAL DESCRIPTION
The MSM7661B is an LSI device which converts digitally sampled NTSC or PAL video signals to 8-bit format based on ITU-RBT601.
The input video signals available are composite video signals and S video signals.
The composite video signals are converted to YUV data via a 2-dimensional Y/C separation circuit.

FEATURES (• indicates a new feature compared with MSM7660. ■ indicates a new feature compared with MSM7661.)
• Input video signals include the following two types of digital data that are A-to-D converted at pixel frequency or double pixel frequency :
    NTSC/PAL composite video signal
    NTSC/PAL S video signal
° 8-bit Y/8-bit C (CbCr) output (conforms to ITU-RBT601)
    YCbCr 4 : 2 : 2
    YCbC4 : 1 : 1
■ YCbCr 8-bit multiplex output (27 MHz) (not including SAV and EAV)
• 2-dimensional Y/C separation using adaptive comb filter (this filter is bypassed for S video signal input)
    NTSC: 3 lines/2 lines
    PAL: 2 lines (3 virtual lines)
• Input signal synchronization can lock synchronization and color burst at high speed through internal digital processing.
° Sampling frequency
    13.5 MHz (ITU-R601)
    12.27 MHz (NTSC Square Pixel)
    14.31818 MHz (NTSC 4Fsc)
    14.75 MHz (PAL Square Pixel)
• Internal AGC/ACC circuit
    Switchable between AGC and MGC (fixed gain)

■ Switchable between ACC and MCC (fixed gain)
• Built-in decimation filter located in the input stage allows easy configuration of an external filter circuit (located ahead of A/D converter).
• Automatic NTSC/PAL recognition (only for ITU-RBT.601)
• Sleep mode
• Multiplex signal recognition (Teletext) Data during vertical blanking is output in 8 bits in Through mode.
° I2C-bus interface
• 3.3 V single power supply (each I/O pin is 5 V tolerable)
• Package:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name: MSM7661B GS-BK)




Similar Part No. - MSM7661B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7660 OKI-MSM7660 Datasheet
269Kb / 35P
Digital Video Decoder (NTSC/PAL Compatible)
MSM7660GS-BK OKI-MSM7660GS-BK Datasheet
269Kb / 35P
Digital Video Decoder (NTSC/PAL Compatible)
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
MSM7664TB OKI-MSM7664TB Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
More results


Similar Description - MSM7661B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
NTSC/PAL VIDEO DECODER
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
NTSC/PAL Digital Video Decoder
MSM7660 OKI-MSM7660 Datasheet
269Kb / 35P
Digital Video Decoder (NTSC/PAL Compatible)
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
NTSC/PAL Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
NTSC/PAL Digital Video Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com