Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7660 Datasheet (PDF) - OKI electronic componets

MSM7660 Datasheet PDF - OKI electronic componets
Part # MSM7660
Download  MSM7660 Download
File Size   269.9 Kbytes
Page   35 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Digital Video Decoder (NTSC/PAL Compatible)

MSM7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7660 Datasheet PDF - OKI electronic componets

Part # MSM7660
Download  MSM7660 Click to download

File Size   269.9 Kbytes
Page   35 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Digital Video Decoder (NTSC/PAL Compatible)

MSM7660 Datasheet (HTML) - OKI electronic componets


MSM7660 Product details

GENERAL DESCRIPTION
The MSM7660 is a decoder which converts digitally sampled NTSC or PAL video signals to the format based on ITU-RBT601.
The MSM7660 can accept composite video and S video signals.
For composite signals, the MSM7660 converts signals to YUV data via a 2-dimensional Y/C separation circuit. For S video signals, the MSM7660 converts signals to YUV data by passing the 2-dimensional Y/C separation circuit.
An internal AGC/ACC circuit makes decoding of images relatively easy.
Video signals are internally synchronized, so a relatively wide range of video signals can be decoded without using an external VCO circuit.

FEATURES
• Accepts composite video and S video signals
• Compatible with NTSC/PAL
• 2-dimensional Y/C separation using adaptive comb filter (this filter is bypassed for S video signal input)
    NTSC: 3 lines/2 lines
    PAL: 2 lines
• Sampling frequency
    14.75 MHz (PAL Square Pixel)
    14.31818 MHz (NTSC 4Fsc)
    12.27 MHz (NTSC Square Pixel)
    13.5 MHz (ITU-RS601)
• Internal AGC/ACC circuit
• 8-bit Y/C (CbCr) output (conforms to ITU-RBT601)
    YCbCr: 4:2:2
    YCbCr: 4:1:1
• High impedance output possible, priority cascade control function
• I2C-BUS interface
• External terminal mode (default) or internal register mode can be selected for operation mode setting.
• A frequency one or two times the sampling clock is supplied to LSI
• Power consumption: 500 mW (Typ. 13.5 MHz)
• Package:
    80-pin plastic QFP (QFP80-P-1420-0.80-BK) (Product name: MSM7660GS-BK)




Similar Part No. - MSM7660

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
NTSC/PAL Digital Video Decoder
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
MSM7664TB OKI-MSM7664TB Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
More results


Similar Description - MSM7660

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
NTSC/PAL Digital Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
NTSC/PAL VIDEO DECODER
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
NTSC/PAL Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
NTSC/PAL Digital Video Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com